PART |
Description |
Maker |
PB271-24C-H PB271-24P-H PB271-24S-H PB271-12C-H PB |
100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
|
http:// Powerbox
|
MR0811S-12RUI MR0811S-03RUI MR0811S-05RUI MR0811S- |
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
|
MicroPower Direct, LLC
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|
2M5991 2N5989 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS 12安培功率晶体管互补性的芯片40,60,8000 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40/60/80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 /60 /80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 406080 VOLTS 100 WATTS
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
0307005240 30700-5240 |
2.54mm (.100), 3.50mm (.138) Pitch, H-DAC 64?/a> Hybrid Header, Dual Row,VerticalPolarization Option A, Gray, 24 Circuits 2.54mm (.100), 3.50mm (.138) Pitch, H-DAC 64 Hybrid Header, Dual Row,VerticalPolarization Option A, Gray, 24 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
C100N50Z4 |
Surface Mount Termination 100 Watts, 50楼? Surface Mount Termination 100 Watts, 50Ω
|
Anaren Microwave
|
I100N50X4 |
Flange Mount Termination 100 Watts, 50楼? Flange Mount Termination 100 Watts, 50Ω
|
Anaren Microwave
|
B100NA30X4 |
Chip Attenuator 100 Watts, 30 dB
|
Anaren Microwave
|
RFP-100-10AE-S RFP-100-1AE-S RFP-100-20AE-S RFP-10 |
Full Flange Attenuators 100 Watts
|
Anaren Microwave
|
BAM20 |
20 WATTS - 27 VOLTS 100-160 MHz
|
List of Unclassifed Manufacturers ETC[ETC] Acrian
|